PART |
Description |
Maker |
EFM32LG280 EFM32LG280F128G-E-QFP100 EFM32LG280F256 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32LG980 EFM32LG980F128G-E-QFP100 EFM32LG980F64G |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32LG360F128G-E-CSP81 |
Output state retention and wake-up from Shutoff Mode Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32HG321 EFM32HG321F32G-A-QFP48 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32HG222 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
74LVT623 74LVT623D 74LVT623DB 74LVT623PW 74LVT623P |
8-Bit Binary Counters With 3-State Output Registers 16-SOIC -40 to 85 LVT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20 3.3 V octal transceiver with dual enable 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
MC54HC589J MC54_74HC589A MC74HC589D MC74HC589N ON1 |
8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system 8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High-Performance Silicon-Gate CMOS
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
SN74LS374DW SN74LS374N SN74LS373DW SN54LS374J 74LS |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT Hex Inverter; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Inc
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|